Part Number Hot Search : 
FS11FL 520101 C3199 SMB11A R1000 78M20A 210A0 L0025
Product Description
Full Text Search
 

To Download G2SB05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G2SB05 THRU G2SB100
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current: 1.5A
Features
Glass passivated chip junction Ideal for printed circuit board High case dielectric strength High surge current capability
GBL
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS AND ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Ta = 25 Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 0.75A Rating for fusing (t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Operating junction and storage temperature range Ta = 25 C Ta = 125 C Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Tj, Tstg G2SB 05 50 35 50 G2SB 10 100 70 100 G2SB 20 200 140 200 G2SB 40 400 280 400 1.5 80 1.0 27 5.0 300 40.0 12.0 -55 to +150 G2SB 60 600 420 600 G2SB 80 800 560 800 G2SB 100 1000 700 1000
units V V V A A V A2Sec A /W
Note: 1. Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads, 0.375" (9.5mm) lead length
Rev.A7
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES G2SB05 THRU G2SB100
Rev.A7
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of G2SB05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X